PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
KBPC1502WN KBPC1501WN KBPC1505WN KBPC1505WN1 KBPC1 |
High forward surge current capability
|
Shenzhen Ping Sheng Electronics Co., Ltd.
|
KBPC3510NW KBPC3505NW1 KBPC3502NW KBPC3504NW |
l High forward surge current capability
|
Shenzhen Ping Sheng Electronics Co., Ltd.
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|
STH03F-SERIES STHA3F-SERIES STA05F-SERIES STAA5F-S |
Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:220V; Capacitance:30pF; Holding Current:150mA; Leakage Current:5uA Transient Surge Protection Thyristor; Thyristor Type:Sidac; Current, It av:2.2A; Package/Case:6-SOIC; Reel Quantity:1500; Capacitance:25pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:160V; Holding Current:150mA RoHS Compliant: NA Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:40pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:180V; Holding Current:50uA; Mounting Type:Surface Mount Peripheral IC 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:80pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Current, It av:2.2A; Reel Quantity:2500; Capacitance:20pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:90V; Holding Current:120mA; Mounting Type:Through Hole 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:40pF; Holding Current:150mA 外围芯片
|
Sanken Electric Co., Ltd. TE Connectivity, Ltd. Keystone Electronics, Corp.
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
KBU6M |
High forward surge current capability
|
Mospec Semiconductor
|